| Zakładka z wyszukiwarką danych komponentów |
|
PBA4BZRWIHTE Arkusz danych(PDF) 2 Page - Saia-Burgess |
|
|
|||||||||||||||||||||||||||||
PBA4BZRWIHTE Arkusz danych(HTML) 2 Page - Saia-Burgess |
|
2 / 4 page ![]() www.saia-burgess.com saia-burgess Switches QA4/PBA4 Specifications Clip-on frame Glass fibre reinforced polyamide (PA 6.6) Bezel ABS polymer - black (PBA4 only) Cowl Synthetic rubber (PBA4 only) "O"-Ring Nitrile (PBA4 only) Locknut Brass nickel plate Button/Plunger ABS polymer (PBA4) Stainless steel (QA4) Basic switches V4NC (see pages 52 to 55) Temperature range ºC -10°C to +85°C Mechanical Life 5 106 cycles minimum (Mechanism 2 106 cycles minimum) (Impact free actuation) Mounting mm (in) Single hole 6.4 (0.25) suitable for panels up to 8.0 (0.3) thick Torque max. Nm 0.4 to be applied to locknut Dimensions QA4 PBA4 88 | 89 Cinfiguration Basic switch V4NC... See pages 52 to 55 V4N... See page 56 to 59 Inhalt_englisch_1.indd 88 7.12.2005 13:59:12 Uhr |