| Zakładka z wyszukiwarką danych komponentów |
|
SC1242 Arkusz danych(PDF) 6 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC1242 Arkusz danych(HTML) 6 Page - Raspberry Pi Holdings PLC |
|
6 / 8 page ![]() 6 Raspberry Pi 500 – Raspberry Pi Ltd WARNINGS • Any external power supply used with Raspberry Pi 500 shall comply with relevant regulations and standards applicable in the country of intended use. • This product should be operated in a well-ventilated environment and should not be covered when being operated. • The connection of incompatible devices to Raspberry Pi 500 may affect compliance, result in damage to the unit, and invalidate the warranty. • There are no user-serviceable parts inside Raspberry Pi 500, and opening the unit is likely to damage the product and invalidate the warranty. • All peripherals used with this product should comply with relevant standards for the country of use and be marked accordingly to ensure that safety and performance requirements are met. These articles include, but are not limited to, mice, monitors and cables when used in conjunction with Raspberry Pi 500. • The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant safety requirements are met. • Prolonged exposure to direct sunlight may cause discoloration. SAFETY INSTRUCTIONS To avoid malfunction or damage to this product, please observe the following: • Do not expose to water or moisture whilst in operation. • Do not expose to heat from any source; Raspberry Pi 500 is designed for reliable operation at normal ambient temperatures. • Take care whilst handling to avoid mechanical or electrical damage to the computer. |