| Zakładka z wyszukiwarką danych komponentów |
|
74HCS32PW Arkusz danych(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HCS32PW Arkusz danych(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 14 page ![]() Nexperia 74HCS32 Quad 2-input OR gate with Schmitt-trigger inputs 4. Functional diagram A B Y aaa-043593 Fig. 1. Logic diagram (one gate) mna242 1A 1B 1Y 2 1 3 2A 2B 2Y 5 4 6 3A 3B 3Y 10 9 8 4A 4B 4Y 13 12 11 Fig. 2. Logic symbol mna243 3 ≥1 ≥1 ≥1 ≥1 2 1 6 5 4 8 10 9 11 13 12 Fig. 3. IEC logic symbol 5. Pinning information 5.1. Pinning 1A VCC 1B 4B 1Y 4A 2A 4Y 2B 3B 2Y 3A GND 3Y aaa-036070 1 2 3 4 5 6 7 8 10 9 12 11 14 13 D package SOT108-1 (SO14) 1A VCC 1B 4B 1Y 4A 2A 4Y 2B 3B 2Y 3A GND 3Y aaa-036071 1 2 3 4 5 6 7 8 10 9 12 11 14 13 PW package SOT402-1 (TSSOP14) aaa-036072 Transparent top view 2Y 3A 2B 3B 2A 4Y 1Y 4A 1B 4B 6 9 5 10 4 11 3 12 2 13 terminal 1 index area BQ package SOT762-1 (DHVQFN14) GND(1) (1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered, the solder land should remain floating or connected to GND. 5.2. Pin description Table 2. Pin description Symbol Pin Description 1A, 2A, 3A, 4A 1, 4, 9, 12 data inputs 1B, 2B, 3B, 4B 2, 5, 10, 13 data inputs 1Y, 2Y, 3Y, 4Y 3, 6, 8, 11 data outputs GND 7 ground (0 V) VCC 14 supply voltage 74HCS32 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2025. All rights reserved Product data sheet Rev. 1 — 27 June 2025 2 / 14 |