| Zakładka z wyszukiwarką danych komponentów |
|
74LVC1G53GD Arkusz danych(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC1G53GD Arkusz danych(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 27 page ![]() 74LVC1G53 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 10 — 7 December 2016 10 of 27 NXP Semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer (1) Tamb = 125 C. (2) Tamb =85 C. (3) Tamb =25 C. (4) Tamb = 40 C. (1) Tamb = 125 C. (2) Tamb =85 C. (3) Tamb =25 C. (4) Tamb = 40 C. Fig 13. ON resistance as a function of input voltage; VCC =2.7 V Fig 14. ON resistance as a function of input voltage; VCC =3.3 V (1) Tamb = 125 C. (2) Tamb =85 C. (3) Tamb =25 C. (4) Tamb = 40 C. Fig 15. ON resistance as a function of input voltage; VCC =5.0 V |