| Zakładka z wyszukiwarką danych komponentów |
|
74LVC2G66DP Arkusz danych(PDF) 16 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G66DP Arkusz danych(HTML) 16 Page - Nexperia B.V. All rights reserved |
|
16 / 26 page ![]() 74LVC2G66 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 2 April 2013 16 of 26 NXP Semiconductors 74LVC2G66 Bilateral switch Fig 23. Test circuit for measuring crosstalk voltage (between digital inputs and switch) 001aag494 VO VCC 0.5VCC nZ/nY nY/nZ nE 50 Ω 600 Ω logic input RL 0.5VCC CL G 20 log10 (VO2 / VO1) or 20 log10 (VO1 / VO2). Fig 24. Test circuit for measuring crosstalk between switches 001aag496 VIH 0.5VCC 1Z or 1Y 1Y or 1Z CHANNEL ON 1E 50 Ω 600 Ω fi RL Ri 0.1 μF CL 50 pF VO1 VIL 0.5VCC 2Z or 2Y 2Y or 2Z CHANNEL OFF 2E RL Ri 600 Ω CL 50 pF VO2 |