| Zakładka z wyszukiwarką danych komponentów |
|
VMUSIC3 Arkusz danych(PDF) 3 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
VMUSIC3 Arkusz danych(HTML) 3 Page - Future Technology Devices International Ltd. |
|
3 / 13 page ![]() 3 Copyright © 2013 Future Technology Devices International Limited VMusic3 Version 1.0 Document Reference No.: FT_000738 Clearance No.: FTDI# 336 2 Ordering Information Module Code Utilised IC Code Description VMUSIC3 VNC2-48L1B USB host application module with MP3 playback and enclosure. 3 VMusic3 Signals and Configurations 3.1 VMusic3 Pin-Out Figure 3.1 – VMusic3 Pin Out (in UART mode) The pin-out is illustrated in Figure 3.1. 3.2 VMusic3 Jumper Configuration The VMusic3 comes preloaded with the V2MSC firmware and the jumper is set to UART mode by default. Adjusting the jumpers accordingly configures the module to operate in SPI mode. The interface modes of the VMusic3 running on a V2MSC firmware are given in Table 3.1 UART/SPI Interface Mode Pull-Up UART Pull-Down SPI Table 3.1 – VMusic3 Jumper Box |