Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC2G240GD Arkusz danych(PDF) 11 Page - Nexperia B.V. All rights reserved

Numer części 74LVC2G240GD
Szczegółowy opis  Dual inverting buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEXPERIA [Nexperia B.V. All rights reserved]
Strona internetowa  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240GD Arkusz danych(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G240GD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G240GD Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 8 April 2013
11 of 22
NXP Semiconductors
74LVC2G240
Dual inverting buffer/line driver; 3-state
13. Package outline
Fig 10. Package outline SOT505-2 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22