| Zakładka z wyszukiwarką danych komponentów |
|
PSD511B1 Arkusz danych(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD511B1 Arkusz danych(HTML) 96 Page - STMicroelectronics |
|
96 / 153 page ![]() PSD5XX Family 93 Port Pin Alternate Function In PE3 Timer0_in PE4 Timer1_in PE5 Timer2_in PE6 Timer3_in I/O – Port A, B, E (Cont.) Port E: Timer[3:0] _ inputs can have different control functions such as timer LOAD/STORE and/or ENABLE/DISABLE, based on how these pins are configured in the Timer Command Registers. Table 27. Counter/Timer (Cont.) Port Pin Special Function Out PE4 TC0 PE5 TC1 PE6 TC2 PE7 TC3 Table 27a. The Terminal Counts (TC0 – TC3) generated by each Counter/Timer are available at Port E (pins PE4 – PE7) as shown in Table 27a. To Connect TC0 – TC3 to Port E pins, set the corresponding bits in the Special Function Register to “1”. |