Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MBRF20L60CT Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części MBRF20L60CT
Szczegółowy opis  Schottky Rectifiers Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRF20L60CT Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRF20L60CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRF20L60CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifiers Diode
MBRF20L60CT
www.iscsemi.com
1
FEATURES
· Low Power Loss/High Efficiency
· High Surge Capacity
· Guard−Ring for Stress Protection
APPLICATIONS
· Power Supply − Output Rectification
· Power Management
· Instrumentation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
60
V
IF(AV)
Average Rectified Forward Current
(Rated VR-20Khz Square Wave)-50% duty cycle
Per Diode
10
A
IFSM
Forward Peak Surge Current(Rated Load 8.3 Half Mssine
Wave-According to JEDEC Method) Per Diode
160
A
TJ
Operating Junction Temperature
-40~150
℃
Tstg
storage temperature
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance, junction-to-case
5.2
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Forward voltage
IF= 10A
--
0.6
V
IR
Reverse leakage current
VR = VRRM
--
380
uA


Podobny numer części - MBRF20L60CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MBRF20L60CT ONSEMI-MBRF20L60CT Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBRF20L60CTG ONSEMI-MBRF20L60CTG Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBRF20L60CTG ONSEMI-MBRF20L60CTG Datasheet
86Kb / 7P
Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBRF20L60CTG ONSEMI-MBRF20L60CTG Datasheet
315Kb / 8P
Switch-mode Power Rectifier 60 V, 20 A
January, 2023 - Rev. 5
More results

Podobny opis - MBRF20L60CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1020 DIOTEC-SBT1020_07 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1820 DIOTEC-SBT1820 Datasheet
121Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SBT2620 DIOTEC-SBT2620 Datasheet
115Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
Schottky Barrier Rectifiers . Single Diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com