| Zakładka z wyszukiwarką danych komponentów |
|
DF2484 Arkusz danych(PDF) 20 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
DF2484 Arkusz danych(HTML) 20 Page - OSRAM GmbH |
|
20 / 82 page ![]() 2. Lamp data Economical long-life light sources with plug-in bases. Compact Fluorescent Lamps OSRAM DULUX® Technical Guide 19 OSRAM DULUX® S, D, T, F and L lamps can be operated on conventional control gear. In the OSRAM DULUX® S, D and T models the starter necessary for ignition is accommoda- ted in the lower section of the base; a separate starter is needed for OSRAM DULUX® F and L models (see 6.3). Exceptions are the OSRAM DULUX® L 40, 55 and 80 W, which are approved only for high-frequency operation. OSRAM DULUX® S/E, D/E and T/E and T/E IN lamps (up to 26 W) with four-pin bases can, in principle, be operated with a separate starter but this is not recommended (see 3.2.3). Measurement conditions according to IEC 60901: 220 V / 50 Hz supply voltage1) Operation on reference gear Ambient temperature 25°C Lamps aged for 100 hours Base-up position for OSRAM DULUX® S, D, T Horizontal position for OSRAM DULUX® L, F Reference control Lamp data (rated values) gear data Lamp Lumi- Lamp Lumi- Arc Lamp Cali- Im- Power reference nous watt- nous vol- current bration ped- factor flux age efficacy tage current ance lm W lm/W V mA mA Ω OSRAM DULUX® S 5W 250 5.4 46 35 180 170 1180 0.12 OSRAM DULUX® S 7W 400 7.1 56 47 175 170 1180 0.12 OSRAM DULUX® S 9W 600 8.7 69 60 170 170 1180 0.12 OSRAM DULUX® S 11W 900 11.8 76 91 155 170 1180 0.12 OSRAM DULUX® D 10W 600 10 60 64 190 190 1070 0.12 OSRAM DULUX® D 13W 900 13 69 91 175 165 1070 0.12 OSRAM DULUX® D 18W 1200 18 67 100 220 220 800 0.12 OSRAM DULUX® D 26W 1800 26 69 105 325 315 540 0.10 OSRAM DULUX® T 13W 900 13 69 91 175 165 1070 0.12 OSRAM DULUX® T 18W 1200 18 67 100 225 220 800 0.12 OSRAM DULUX® T 26W 1800 26.5 69 105 325 315 540 0.10 OSRAM DULUX® L 18W 1200 18 67 58 375 370 540 0.10 OSRAM DULUX® L 24W 1800 24 75 87 345 340 540 0.10 OSRAM DULUX® L 36W 2900 36 67 106 435 430 390 0.10 OSRAM DULUX® F 18W 1100 18 61 56 375 370 540 0.10 OSRAM DULUX® F 24W 1700 24 71 87 345 340 540 0.10 OSRAM DULUX® F 36W 2800 36 67 106 435 430 390 0.10 1) In accordance with IEC 60901, measurements are taken at 220 V/50 Hz on the reference control gear. There is no change, however, in the electrical lamp data for 230 V and 240 V supplies, provided suitable control gear is used. 2.2.2 Inductive operation Single-lamp circuit |