Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

30255 Arkusz danych(PDF) 20 Page - Wiha Tools

Numer części 30255
Szczegółowy opis  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WIHA [Wiha Tools]
Strona internetowa  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30255 Arkusz danych(HTML) 20 Page - Wiha Tools

Back Button 30255 Datasheet HTML 16Page - Wiha Tools 30255 Datasheet HTML 17Page - Wiha Tools 30255 Datasheet HTML 18Page - Wiha Tools 30255 Datasheet HTML 19Page - Wiha Tools 30255 Datasheet HTML 20Page - Wiha Tools 30255 Datasheet HTML 21Page - Wiha Tools 30255 Datasheet HTML 22Page - Wiha Tools 30255 Datasheet HTML 23Page - Wiha Tools 30255 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
Toll Free: (800) 494-6104
Screwdriver, With Wiha-MicroFinish Handle Blade high alloy chrome-vanadium-
molybdenum steel, hardened, hard chromed. Wiha-MicroFinish handle, cellulose-acetate, impact
resistant, non-slip, oil and grease resistant. Round blades.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch mm
Inch
lbs. pkg.
52711
T9
60
2.4
4.0
.157
171
6.7
30
1.18
.15
10
52713
T10
80
3.1
4.0
.157
191
7.5
30
1.18
.15
10
52716
T15
80
3.1
4.0
.157
191
7.5
30
1.18
.15
10
52719
T20
100
3.9
4.0
.157
211
8.3
30
1.18
.15
10
52722
T25
100
3.9
4.5
.177
211
8.3
30
1.18
.16
10
52726
T27
115
4.5
5.5
.216
233
9.2
36
1.42
.25
10
52729
T30
115
4.5
6.0
.236
233
9.2
36
1.42
.27
10
52732
T40
130
5.1
7.0
.275
254
10.0 41
1.61
.40
10
Set 5 Pcs.
Blade CVM steel,
hardened, round blades hard chromed. Wiha-
MicroFinish handle, cellulose-acetate, impact
resistant, non-slip, oil & grease resistant.
Item
No.
T10, T15, T20,
lbs.
52790
T25, T30
1.0
52790
527
Wiha
MicroFinish Handle Non-Slip Grip
Set 8 Pcs.
Blade CVM steel,
hardened, round blades hard chromed. Wiha-
MicroFinish handle, cellulose-acetate, impact
resistant, non-slip, oil & grease resistant.
Item
: T9, T10,
No.
T15, T20, T25,
lbs.
52791
T27, T30, T40
1.89
52791
Heavy Duty Slotted Screwdriver, Wiha-MicroFinish Handle & Steel Striking Cap
Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Hex blade
extending through handle with striking plate. Hex bolster for additional torque. Wiha-MicroFinish
handle, cellulose-acetate, impact resistant, non-slip, oil and grease resistant.
Item
No.
mm Inch mm
Inch mm Inch
mm
Inch
mm Inch lbs. pkg.
53310*
4.5 .177 90
3.6
1.0
.039
201
7.9
30
1.18 .20
10
53315
5.5 .216 100
3.9
1.0
.039
213
8.4
36
1.42 .33
10
53320
6.5 .255 125
5.0
1.2
.047
238
9.4
36
1.42 .38
10
53325
8.0 .315 150
5.9
1.2
.047
271
10.7
41
1.61 .61
10
53330
10.0 .393 175
7.0
1.6
.063
296
11.7
41
1.61 .65
10
Wiha MicroFinish Extra Heavy Duty Non-Slip Grip Handle
Heavy Duty Phillips Screwdriver, Wiha-MicroFinish Handle & Steel Striking Cap
Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Hex blade
extending through handle with striking plate. Hex bolster for additional torque. Wiha-MicroFinish
handle, cellulose-acetate, impact resistant, non-slip, oil and grease resistant.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs. pkg.
53405
1
80
3.1
186
7.3
30
1.18
.22
10
53410
2
100
3.9
213
8.4
36
1.42
.37
10
53425
3
150
5.9
268
10.6
41
1.61
.71
10
5 Pc. Slotted/Phillips, Heavy Duty Set
Blade CVM steel, hardened, hard chromed.
Hex blade extending through handle with steel
striking cap. Hex bolster for additional torque.
Item
Slotted:
No.
5.5, 6.5, 8.0mm
lbs.
53390
Phillips: #1, 2
2.1
533
53390
534
*No hex bolster
8 Pc. Slotted/Phillips, Heavy Duty Set
Blade CVM steel, hardened, hard chromed.
Hex blade extending through handle with steel
striking cap. Hex bolster for additional torque.
Item
Slotted: 4.5*, 5.5,
No.
6.5, 8.0, 10.0mm
lbs.
53398
Phillips: #1, 2, 3
3.7
53398
*No hex bolster
1/4
” Bit holding Screwdriver, With
Wiha-MicroFinish Handle Magnetic, holds
bit and screw. Retainer out of stainless steel.
Shaft chrome-vanadium steel, nickel-plated.
52650
Item
No.
Size mm Inch mm Inch lbs. pkg.
52650
1/4
125 5.0 244 9.6
.24 10
Wiha MicroFinish
Non-Slip Grip Bit Holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com