| Zakładka z wyszukiwarką danych komponentów |
|
36732 Arkusz danych(PDF) 6 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36732 Arkusz danych(HTML) 6 Page - Wiha Tools |
|
6 / 44 page ![]() 6 Toll Free: (800) 494-6104 Slotted Screwdriver, With Wiha-SoftFinish® Handle Round blade, high alloy CVM, hardened, hard chromed. Wiha-Chromtop tips. Handle, multi-component, cusion grip. 302 Phillips Screwdriver, With Wiha-SoftFinish® Handle Round blade, high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop tips. Handle, multi-component, cusion grip. 311 Item No. mm Inch mm Inch mm Inch mm Inch mm Inch lbs. pkg. 30202* 2.0 .079 65 2.6 0.4 .016 169 6.7 23 .91 .05 10 30203* 2.5 .098 75 3.0 0.4 .016 179 7.0 23 .91 .05 10 30204* 3.0 .118 80 3.1 0.5 .020 184 7.2 23 .91 .06 10 30205* 3.0 .118 100 3.9 0.5 .020 204 8.0 23 .91 .06 10 30206* 3.0 .118 150 5.9 0.5 .020 254 10.0 23 .91 .07 10 30208* 3.0 .118 200 8.0 0.5 .020 304 12.0 23 .91 .07 10 30210* 3.5 .139 100 3.9 0.6 .024 204 8.0 23 .91 .07 10 30212* 3.5 .139 200 8.0 0.6 .024 304 12.0 23 .91 .09 10 30215* 4.0 .157 100 3.9 0.8 .031 211 8.3 30 1.18 .11 10 30217* 4.0 .157 150 5.9 0.8 .031 261 10.3 30 1.18 .12 10 30216* 4.0 .157 200 8.0 0.8 .031 311 12.2 30 1.18 .14 10 30218* 4.5 .187 80 3.1 0.8 .031 191 7.5 30 1.18 .11 10 30211* 4.5 .187 125 5.0 0.8 .031 236 9.3 30 1.18 .12 10 30219* 4.5 .187 150 5.9 0.8 .031 261 10.2 30 1.18 .12 10 30220* 5.5 .216 125 5.0 1.0 .039 236 9.3 30 1.18 .15 10 30238* 5.5 .216 300 11.8 1.0 .039 411 16.1 30 1.18 .24 10 30221* 5.5 .216 200 8.0 1.0 .039 311 12.2 30 1.18 .20 10 30222 6.0 .250 100 3.9 1.2 .047 218 8.6 36 1.42 .17 10 30223 6.5 .255 100 3.9 1.0 .039 218 8.6 36 1.42 .20 10 30225 6.5 .255 150 5.9 1.2 .047 268 10.6 36 1.42 .22 10 30226 6.5 .255 200 8.0 1.2 .047 318 12.5 36 1.42 .22 10 30227 8.0 .315 150 5.9 1.2 .047 274 10.8 41 1.61 .29 10 30230 8.0 .315 175 7.0 1.2 .047 299 11.8 41 1.61 .30 10 30232 8.0 .315 300 11.8 1.2 .047 424 16.7 41 1.61 .36 10 30235 10.0 .393 200 8.0 1.6 .063 324 12.8 41 1.61 .36 10 30236 12.0 .472 250 9.8 2.0 .078 374 14.7 41 1.61 .52 10 *Cabinet Tips Item No. Size mm Inch mm Inch mm Inch mm Inch lbs. pkg. 31105 0 60 2.4 3.0 .118 164 6.5 23 .91 .06 10 31110 1 80 3.1 4.5 .177 191 7.5 30 1.18 .11 10 31112 1 200 8.0 4.5 .177 311 12.3 30 1.18 .15 10 31114 1 300 12.0 4.5 .177 411 16.2 30 1.18 .18 10 31115 2 100 3.9 6.0 .236 218 8.6 36 1.42 .20 10 31117 2 200 8.0 6.0 .236 318 12.5 36 1.42 .25 10 31118 2 300 12.0 6.0 .236 418 16.5 36 1.42 .30 10 31120 3 150 5.9 8.0 .315 274 10.8 41 1.61 .33 10 31125 4 200 8.0 10.0 .393 323 12.7 41 1.61 .51 10 Wiha SoftFinish® Handle - Standard Series Item No. mm mm Size mm lbs. 30294 4.0 100 1 80 1.29 6.5 150 2 100 8.0 150 4.0* 25 6 Pc. Slotted/Phillips Screwdriver Set 30294 Item No. mm mm Size mm lbs. 30298 3.0 100 1 80 1.87 4.0 100 2 100 5.5 125 3 150 6.5 150 8.0 175 8 Pc. Slotted/Phillips Screwdriver Set 30298 Item No. mm mm Size mm lbs. 30297 3.0 100 0 60 2.48 4.0 100 1 80 5.5 125 2* 25 6.5 150 2 100 6.5* 25 3 150 8.0 175 10 200 12 Piece Slotted & Phillips Screwdriver Set 30297 *Stubby screwdriver with Wiha SoftFinish® handle *Stubby screwdriver with Wiha SoftFinish® handle |