| Zakładka z wyszukiwarką danych komponentów |
|
32012 Arkusz danych(PDF) 26 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
32012 Arkusz danych(HTML) 26 Page - Wiha Tools |
|
26 / 44 page ![]() 26 Insulated Single-Pole Voltage Detector Wiha Insulated Screwdrivers Screwdriver, With Wiha-SoftFinish® Handle Insulation According to ASTM F-1505-01, New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E and CSA, up to 1000 Volt. Individually Tested. Blade high alloy cvm steel, hardened, black finish. Insulation molded directly onto blade. Item No. Size mm Inch mm Inch lbs. pkg. T5 60 2.4 164 6.5 .06 10 T6 60 2.4 164 6.5 .06 10 T7 60 2.4 164 6.5 .06 10 T8 60 2.4 164 6.5 .06 10 T9 60 2.4 164 6.5 .06 10 T10 60 2.4 164 6.5 .06 10 T15 80 3.0 191 7.5 .12 10 T20 80 3.0 191 7.5 .12 10 T25 80 3.0 198 7.8 .17 10 T27 100 4.0 218 8.6 .20 10 T30 100 4.0 218 8.6 .20 10 T40 150 6.0 274 10.8 .30 10 6 Piece Set Item No. Size mm Size mm lbs. T8 60 T15 80 .83 T9 60 T20 80 T10 60 T25 80 1000Volt 1000Volt 10 Piece Set Item No. Size mm Size mm lbs. T6 60 T15 80 1.2 T7 60 T20 80 T8 60 T25 80 T9 60 T27 100 T10 60 T30 100 1000Volt Wiha Insulated Inch Nut Driver Set 9 Piece Nut Driver Set - Inch Sizes. In roll-up pouch Item No. Inch Inch Inch Inch lbs. 3/16 5.0 7/16 5.0 3.16 1/4 5.0 1/2 5.0 5/16 5.0 9/16 5.0 11/32 5.0 5/8 5.0 3/8 5.0 1000Volt Combination Terminal Block Xeno Screwdriver, With Wiha SoftFinish® Handle. Insulation According to ASTM F-1505-01, VDE, 0682/part 201, EN/IEC 60900, NFPA70E & CSA specification. Individually Tested. Blade CVM steel, hardened, black finish. Insulation molded directly onto blade. Wiha-SoftFinish® handle, multi-component, cushion grip. For combination Slotted/Phillips head terminal screws. Item No. Size mm mm Inch lbs. pkg. 1 80 191 7.5 1.23 10 2 100 218 8.6 1.23 10 Combination Slotted/Phillips Terminal Block Drivers Insulated Terminal Block Xeno Screwdrivers Slotted & Phillips 1000Volt Insulated Single-Pole Voltage Detector. 110-250 Volts. Insulation According To DIN 57860/6 And DIN VDE 0680-6, GS Tested. Blade CVM steel, hardened, nickel-plated. Insulation molded directly onto blade. Amber LED light. 10,000Volt tested. Item No. mm mm mm Inch lbs. pkg. 3.0 65 145 5.7 .04 1 1000Volt 32288 32288 25511 25511 307 30700 30701 325 32505 32511 32516 32521 32526 32531 32536 32541 32546 32551 32556 32561 32590 32590 32592 32592 SHOP SHOP SHOP SHOP SHOP SHOP Toll Free: (800) 494-6104 |