| Zakładka z wyszukiwarką danych komponentów |
|
720239 Arkusz danych(PDF) 3 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
720239 Arkusz danych(HTML) 3 Page - Lapp. |
|
3 / 5 page ![]() 800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com 459 EPIC® Pin & Sleeve Connectors Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors. Dimensional drawings can be found on the indicated pages and are the same for North American and international standards. Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing. IP44 IP67 60A & 100A Pin & Sleeve Connectors North American Standard Male Plugs & Inlets Dimensional Data 60A: page 471 100A: page 474 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP67 60A Male Plugs Male Inlets 3Ø 250 4 3+PE 9 477317FX 476317FX 3Ø 480 4 3+PE 7 477517FX 476517FX 3Ø 120/208 5 3+N+PE 9 477327FX 476327FX 100A 3Ø 250 4 3+PE 9 477318FX 476318FX 3Ø 480 4 3+PE 7 249550FX 749550FX 3Ø 120/208 5 3+N+PE 9 477328FX 476328FX Female Connectors & Receptacles Dimensional Data 60A: page 472 100A: page 474 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP67 IP67 60A Female Connectors Female Receptacles 3Ø 250 4 3+PE 9 473317FX 546322FX 446322FX 3Ø 480 4 3+PE 7 346350FX 546350FX 446350FX 3Ø 120/208 5 3+N+PE 9 473327FX 556322FX 456322FX 100A 3Ø 250 4 3+PE 9 473318FX 549322FX 449322FX 3Ø 480 4 3+PE 7 349550FX 549550FX 449550FX 3Ø 120/208 5 3+N+PE 9 473328FX 559322FX 459322FX Switched-Socket Outlets Dimensional Data 60A: page 473 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position Direct Connect IP66/67 Direct Connect IP55 60A EPIC® ULYSSE EPIC® ALUPRES 3Ø 250 4 3+PE 9 408339FX 460339FX 3Ø 480 4 3+PE 7 408337FX 460337FX 3Ø Y 120/208 5 3+N+PE 9 408349FX 460349FX |