| Zakładka z wyszukiwarką danych komponentów |
|
RB111D2001 Arkusz danych(PDF) 4 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
RB111D2001 Arkusz danych(HTML) 4 Page - E-SWITCH |
|
4 / 6 page ![]() www.e-switch.com 800.867.2717 4 RB1 Series Rocker Switch Body Dimensions Schematic Options Panel Cutout SHEET OF 3 5 RB1 Catalog Drawing 8/15/2017 2 3 1 POS. 3 POS. 2 POS. 1 FUNCTION SHOWN WITH E - RATED BODY & TERMINAL - 4 (6.3mm TAB) 2 1 2 3 3 2 1 1 2 - POSITION ILLUMINATED 2 - POSITION 3 - POSITION 3 POS. 1 POS. 11.00 [.433 in] 26.601.00 1.047 .039 in [ ] 6.60 .50 .260.020 in [ ] 8.00 [.315 in] PANEL THICKNESS (x) TOLERANCE 0.75 - 1.25 30.0 +/- 0.1 1.25 - 2.00 30.2 +/- 0.1 2.00 - 3.00 30.5 +/- 0.1 (x) 11.00 -.00 .10 + .433 -.000 .004 + in [ ] 1 OFF NONE ON 3 ON NONE ON 4 OFF NONE (ON) 5 ON OFF ON A ON NONE (OFF) B ON NONE (ON) C ON OFF (ON) D (ON) OFF (ON) TERMINAL CLOSURE 2-3 OPEN 2-1 ( ) = MOMENTARY 2 POS. RATINGS 1.70 [.067 in] 6.30 [.248 in] 10.90 [.429 in] 14.00 [.551 in] 32.00 [1.260 in] 25.20 [.992 in] 8.30 [.327 in] .80 [.031 in] 27.20 [1.071 in] THIS TERMINAL ONLY ON 3 - POSITION OR ILLUMINATED SWITCHES 11.00 [.433 in] |