Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DEVKIT-MPC5744P Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części DEVKIT-MPC5744P
Szczegółowy opis  Ultra-Reliable MCUs for Industrial and Automotive Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-MPC5744P Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button DEVKIT-MPC5744P Datasheet HTML 5Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 6Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 7Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 8Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 9Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 10Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 11Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 12Page - NXP Semiconductors DEVKIT-MPC5744P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
EXTERNAL USE
8
DEVKIT-MPC5744P Board : Pinout
3 of 3
Arduino Compatibility
The internal rows of the I/O headers on
the DEVKIT-MPC5744P are arranged to
fulfill Arduino™ shields compatibility .
J5
J6
FUNCTION
PORT
PIN
PIN
PORT
FUNCTION
PF12
J6-19
J6-20
PE5
PF13
J6-17
J6-18
PE4
PC6
J6-15
J6-16
PE0
PC7
J6-13
J6-14
PE1
PI2
J6-11
J6-12
GND
PI3
J6-09
J6-10
PER_HVA
PH3
J6-07
J6-08
PC11
PH4
J6-05
J6-06
PC10
PG3
J6-03
J6-04
PG5
PG2
J6-01
J6-02
PG4
FUNCTION
PORT
PIN
PIN
PORT
FUNCTION
PD5
J5-2
J5-1
PA0
PD6
J5-4
J5-3
PA1
PD7
J5-6
J5-5
PA2
PD8
J5-8
J5-7
PG8
3.3V
3V3_SR
J5-10
J5-9
PF3
GND
J5-12
J5-11
PG11
PC1
J5-14
J5-13
PG9
PE4
J5-16
J5-15
PE2
PC2
J5-18
J5-17
PE5
PB14
J5-20
J5-19
PG10
J6
J5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24