| Zakładka z wyszukiwarką danych komponentów |
|
36218 Arkusz danych(PDF) 8 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36218 Arkusz danych(HTML) 8 Page - Wiha Tools |
|
8 / 40 page ![]() 8 Wiha Proturn Screwdrivers Screwdriver, With Wiha-Proturn Handle Blade high alloy CVM steel, hardened, black finish. Molded on ergonomic Wiha-Proturn handle, impact resistant. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T6 50 2.0 3.5 .139 129 5.1 .05 10 T7 50 2.0 3.5 .139 129 5.1 .05 10 T8 60 2.4 3.5 .139 139 5.5 .06 10 T9 60 2.4 4.0 .157 149 5.8 .08 10 T10 80 3.1 4.0 .157 170 6.7 .10 10 T15 80 3.1 4.0 .157 170 6.7 .10 10 T20 100 3.9 4.0 .157 190 7.5 .11 10 T25 100 3.9 4.5 .177 190 7.5 .11 10 T27 115 4.5 5.5 .216 215 8.4 .11 10 T30 115 4.5 6.0 .236 215 8.4 .20 10 T40 130 5.1 7.0 .275 240 9.4 .28 10 T50 130 5.1 9.0 .354 240 9.4 .31 10 6 Pcs. Set Item No. T7, T8, T9, lbs. T10, T15, T20 .72 8 Pcs. Set Item No. T8, T9, T10, T15, lbs. T20, T25, T27, T30 1.07 Black finish blades High performance tool steel Through hardened for optimum wear resistance Molded on ergonomic handle proportioned to blade sizes proturn 6 Pc. Set With Wiha- Powerhandle Item No. T6, T7, T8, T9, lbs. T10, T15 .78 Screwdriver, With Wiha-Powerhandle CVM steel blade, hardened, hard chromed. Wiha-powerhandle cellulose-acetate. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T5 50 2.0 2.5 .098 110 4.3 .03 10 T6 50 2.0 3.5 .139 125 4.9 .06 10 T7 50 2.0 3.5 .139 125 4.9 .06 10 T8 60 2.4 3.5 .139 135 5.3 .06 10 T9 60 2.4 4.0 .157 140 5.5 .09 10 T10 80 3.1 4.0 .157 170 6.7 .13 10 T15 80 3.1 4.0 .157 170 6.7 .13 10 T20 100 3.9 4.0 .157 200 7.9 .17 10 T25 100 3.9 4.5 .177 200 7.9 .18 10 T27 115 4.5 5.5 .216 215 8.5 .20 10 T30 115 4.5 6.0 .236 225 8.9 .28 10 Wiha Powerhandle 8 Pc. Set With Wiha- Powerhandle Item No. T6, T8, T10, T15, lbs. T20, T25, T27, T30 1.45 11 Pcs. Set Item T6, T7, T8, T9, No. T10x80, T15, T20, lbs. T25, T27, T30, T40 2.2 Toll Free: (800) 494-6104 455 45505 45506 45511 45516 45521 45526 45531 45536 45541 45546 45551 45561 45591 45591 45592 45592 45589 45589 362 36205 36210 36212 36215 36220 36225 36230 36235 36240 36245 36250 36292 36293 36292 36293 |