Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RB141D2001 Arkusz danych(PDF) 2 Page - E-SWITCH

Numer części RB141D2001
Szczegółowy opis  RB1 Series Rocker Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RB141D2001 Arkusz danych(HTML) 2 Page - E-SWITCH

  RB141D2001 Datasheet HTML 1Page - E-SWITCH RB141D2001 Datasheet HTML 2Page - E-SWITCH RB141D2001 Datasheet HTML 3Page - E-SWITCH RB141D2001 Datasheet HTML 4Page - E-SWITCH RB141D2001 Datasheet HTML 5Page - E-SWITCH RB141D2001 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.e-switch.com
800.867.2717
2
RB1 Series Rocker Switch
Body Dimensions
Schematic Options
Panel Cutout
SHEET OF
1
5
RB1 Catalog Drawing 8/15/2017
POS. 2
POS. 3
POS. 1
FUNCTION
2
1
3
2
1
1
3
2
1
2
3
2 - POSITION
3 - POSITION
2 - POSITION
ILLUMINATED
SHOWN WITH C - RATED BODY &
TERMINAL - 4 (6.3mm TAB)
1
OFF
NONE
ON
3
ON
NONE
ON
4
OFF
NONE
(ON)
5
ON
OFF
ON
A
ON
NONE
(OFF)
B
ON
NONE
(ON)
C
ON
OFF
(ON)
D
(ON)
OFF
(ON)
TERMINAL
CLOSURE
2-3
OPEN
2-1
PANEL THICKNESS
(x)
TOLERANCE
0.75 - 1.25
30.0
+/- 0.1
1.25 - 2.00
30.2
+/- 0.1
2.00 - 3.00
30.5
+/- 0.1
(x)
11.00 -.00
.10
+
.433 -.000
.004
+
in
[
]
3
POS.
1
POS.
11.00
[.433 in]
RATINGS
26.70 - .00
1.00
+
1.051 -.000
.039
+
in
[
]
8.00
[.315 in]
5.98.50
.235.020 in
[
]
1.70
[.067 in]
6.30
[.248 in]
10.90
[.429 in]
32.00
[1.260 in]
25.20
[.992 in]
8.30
[.327 in]
14.00
[.551 in]
.80
[.031 in]
( ) = MOMENTARY
2
POS.
16.70
[.657 in]
THIS TERMINAL ONLY
ON 3 - POSITION OR
ILLUMINATED SWITCHES
27.20
[1.071 in]
11.00
[.433 in]



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com