Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

55-1870. Arkusz danych(PDF) 1 Page - Multicomp Pro

Numer części 55-1870.
Szczegółowy opis  5” Aluminium Cone Woofer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

55-1870. Arkusz danych(HTML) 1 Page - Multicomp Pro

  55-1870. Datasheet HTML 1Page - Multicomp Pro 55-1870. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
10/03/22
5” Aluminium Cone Woofer
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Dimensions
: 5″ (130.5mm)
Impedance
: 8Ω
Input
: Rated 40W, Max. 80W
Free Air Resonance
: 70 ±14Hz
Sensitivity
: 86±2 δB/W/M, 2.83V
Frequency Range
: FO ~ 15000Hz
Sine Wave Test
: 8V
Weight
: 960 grams
Life Test
: 40W, 8H, EIA white noise
Basket
: Stamped Steel
Dust Cap
: Treated Cloth
Voice Coil
Diameter
: 25.4mm
Length
: 8mm
Layer
: 2mm
Former Material
: Aluminium (ASV)
Wire Material
: Copper (SVW)
Cone Paper
Cone Material
: Aluminium
Surround Material
: Rubber
Magnet
Diameter
: 100mm
Height
: 15mm
Material
: Ferrite
Weight
: 377g
Gap(H)
: 4mm
Parameters
DC Resistance
: Re: 6.7Ω
Resonance Frequency
: Fs: 78.6Hz
Maximum Impedance
: Zm: 23Ω
Mechanical Q Factor
: Qms: 2.26
Electrical Q Factor
: Qes: 0.943
Total Q Factor
: Qts: 0.665
Linear Displacement
: Xmax: 2mm
Moving Mass
: Mms: 7.23g
Equivalent Volume
: Vas: 4.59(1)
Sensitivity
: SPL: 85.6 (δB)
Suspension Compliance : Cms: 0.568mm/N
BL product
: Bl: 5.035 (N/A)
Driver Piston Diameter
: D: 98mm
Voice Coil Inductance
: Le(1K): 0.57mH


Podobny numer części - 55-1870.

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Multicomp Pro
55-1853 MULTICOMP-55-1853 Datasheet
903Kb / 2P
4″ Woofer
11/03/22
55-1856 MULTICOMP-55-1856 Datasheet
906Kb / 2P
4″ Mid-Woofer 60 Watt RMS
08/03/22
More results

Podobny opis - 55-1870.

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ABS-205 ETC1-ABS-205 Datasheet
714Kb / 2P
Speaker - Mylar Cone
logo
FIBOX Enclosing innovat...
7811080 FIBOX-7811080 Datasheet
443Kb / 2P
Enclosure, aluminium
11.01.2023
7811150 FIBOX-7811150 Datasheet
61Kb / 2P
Enclosure, aluminium
11.01.2023
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811290 FIBOX-7811290 Datasheet
59Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
7811390 FIBOX-7811390 Datasheet
439Kb / 2P
Enclosure, aluminium
11.01.2023
7811250 FIBOX-7811250 Datasheet
40Kb / 1P
Enclosure, aluminium
11.08.2023
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com