| Zakładka z wyszukiwarką danych komponentów |
|
B2425 Arkusz danych(PDF) 21 Page - HAKKO Corporation |
|
|
|||||||||||||||||||||||||||||
B2425 Arkusz danych(HTML) 21 Page - HAKKO Corporation |
|
21 / 36 page ![]() ● Pass. Lock When enabling this function, you must enter a correct password to change a setting. The options are as follows: Lock Partial Unlock 1. Move the cursor to select “Pass. Lock”. After selecting, press <OK>. 2. Using the <↑> or <↓> button, select an option from Lock, Partial, and Unlock. 5. Using the <↑> or <↓> button, enter a password. (Selection of three characters from ABCDEF) * When selecting Partial or Lock: 3. Specify whether password lock should be enabled when changing set temperature, preset selection, and offset temperature by selecting ON or OFF. (Only when selecting Partial) 4. After making all selections, press the <OK> button. (Only when selecting Partial) 6. Return to parameter setting display if you press the <OK> button after setting. : All setting changes require a password entry. : Selection of whether or not to enter a password when changing set temperature, preset selection, and offset temperature. All other setting changes require a password entry. : Any setting change does not require a password entry. <↑> <↓> <OK> E r r o r A l ar m Rea d y A l ar m P as s . Loc k OFF OFF OFF <↑> <↓> <OK> P ass w o r d Loc k S e t U n Loc k Select “Unlock” Select “Lock” Select “Partial” <↑> <↓> <OK> S e t T em p P r es e t S e l O f f s e t T em p OFF OFF OFF <↑> <↓> <OK> P r es e t S e l O f f s e t T em p O K OFF OFF <↑> <↓> <OK> P ass w o r d S e t *** O K 20 |