Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST10C167-Q6 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części ST10C167-Q6
Szczegółowy opis  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167-Q6 Arkusz danych(HTML) 4 Page - STMicroelectronics

  ST10C167-Q6 Datasheet HTML 1Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 2Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 3Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 4Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 5Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 6Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 7Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 8Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
ST10R167
4/63
I - INTRODUCTION
The
ST10R167
is
a
derivative
of
the
STMicroelectronics
ST10
family
of
16-bit
single-chip CMOS microcontrollers. It combines
high CPU performance (up to 12.5 million
instructions per second) with high peripheral
functionality and enhanced I/O capabilities.
It also provides on-chip high-speed RAM and
clock generation via PLL.
Figure 1 : Logic Symbol
XTAL1
RSTIN
XTAL2
RSTOUT
NMI
EA
READY
ALE
RD
WR/WRL
Port 5
16-bit
Port 6
8-bit
Port 4
8-bit
Port 3
15-bit
Port 2
16-bit
Port 1
16-bit
Port 0
16-bit
V
DD
VSS
Port 7
8-bit
Port 8
8-bit
VAREF
VAGND
ST10R167
RPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63