Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST10R272 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części ST10R272
Szczegółowy opis  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272 Arkusz danych(HTML) 5 Page - STMicroelectronics

  ST10R272 Datasheet HTML 1Page - STMicroelectronics ST10R272 Datasheet HTML 2Page - STMicroelectronics ST10R272 Datasheet HTML 3Page - STMicroelectronics ST10R272 Datasheet HTML 4Page - STMicroelectronics ST10R272 Datasheet HTML 5Page - STMicroelectronics ST10R272 Datasheet HTML 6Page - STMicroelectronics ST10R272 Datasheet HTML 7Page - STMicroelectronics ST10R272 Datasheet HTML 8Page - STMicroelectronics ST10R272 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
5/77
ST10R272L - PIN DESCRIPTION
P5.10
–P5.15
98-100
1- 3
I
I
5S
5S
6-bit input-only port with Schmitt-Trigger characteristics.
Port 5 pins also serve as timer inputs:
98
I
5S
P5.10
T6EUD
GPT2 Timer T6 Ext.Up/Down
Ctrl.Input
99
I
5S
P5.11
T5EUD
GPT2 Timer T5 Ext.Up/Down
Ctrl.Input
100
I
5S
P5.12
T6IN
GPT2 Timer T6 Count Input
1
I
5S
P5.13
T5IN
GPT2 Timer T5 Count Input
2
I
5S
P5.14
T4EUD
GPT1 Timer T4 Ext.Up/Down
Ctrl.Input
3
I
5S
P5.15
T2EUD
GPT1 Timer T2 Ext.Up/Down
Ctrl.Input
XTAL1
XTAL2
5
I
3T
XTAL1:
Input to the oscillator amplifier and internal clock
generator
6
O
3T
XTAL2:
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive
XTAL1, while leaving XTAL2 unconnected.
Observe minimum and maximum high/low and
rise/fall times specified in the AC Characteristics.
Table 1 Pin definitions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77