Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3584210 Arkusz danych(PDF) 2 Page - Labfacility Ltd

Numer części 3584210
Szczegółowy opis  100 Ohm Dual Element Wire Wound Detectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LABFACILITY [Labfacility Ltd]
Strona internetowa  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3584210 Arkusz danych(HTML) 2 Page - Labfacility Ltd

  3584210 Datasheet HTML 1Page - Labfacility Ltd 3584210 Datasheet HTML 2Page - Labfacility Ltd 3584210 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Detectors - 5
Dec-23
Specifications
General Description
Wirewound construction for optimum performance and
stability
Sensor Type
Dual element Pt100
Max. Temperature
+650°C
Min. Temperature
-200°C
Tolerance
Class B or A to IEC 60751
Ordering Information
Temperature
Range
Type
Style
Size
Min
Max
Class Resistance Manufacturers
Code
Farnell
Order Code
Pt100
Dual
WIREWOUND
1.5 x 15mm
-200°C +650°C
A
100 Ohm
DB-151-D
2770773
Pt100
Dual
WIREWOUND
15 x 2.8mm
-200°C +650°C
A
100 Ohm
DB-156-D
3584211
Pt100
Dual
WIREWOUND
25 x 2.8mm
-200°C +650°C
A
100 Ohm
DB-171-D
3584213
Pt100
Dual
WIREWOUND
1.5 x 15mm
-200°C +650°C
B
100 Ohm
DB-150-D
3584210
Pt100
Dual
WIREWOUND
25 x 2.8mm
-200°C +650°C
B
100 Ohm
DB-170-D
3584212



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com