Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FACK2BK Arkusz danych(PDF) 1 Page - TUK Ltd

Numer części FACK2BK
Szczegółowy opis  Category 5e Keystone Panel Mount Coupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TUK [TUK Ltd]
Strona internetowa  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK2BK Arkusz danych(HTML) 1 Page - TUK Ltd

  FACK2BK Datasheet HTML 1Page - TUK Ltd FACK2BK Datasheet HTML 2Page - TUK Ltd FACK2BK Datasheet HTML 3Page - TUK Ltd FACK2BK Datasheet HTML 4Page - TUK Ltd FACK2BK Datasheet HTML 5Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Category 5e Keystone Panel Mount Coupler
Category 5e Keystone Panel Mount Coupler
Features
•
High performance data throughput, meets Category 5e data transfer rates
•
Designed to fit industry standard keystone outlets and patch panels
•
Shielded version available (FACKs)
•
Compatible 16 and 24 port keystone patch panels available with or without cable management
Specifications
DIMENSIONS (mm) 30.4 x 17.2 x 20.9 approx
MATERIALS
•
Housing: ABS UL94V-0
•
Connectors: 50µ"/ 1.27µm gold plating over nickel plated phosphor bronze
•
Colour: Black, FACK2Bk and white, FACKWh


Podobny numer części - FACK2BK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TUK Ltd
FACK2DPM TUK-FACK2DPM Datasheet
1Mb / 3P
D UNIVERSAL RANGE
FACK2DPM TUK-FACK2DPM Datasheet
2Mb / 4P
D UNIVERSAL RANGE
February, 2016
FACK2PM TUK-FACK2PM Datasheet
1Mb / 3P
PANEL MOUNT CONNECTORS RANGE
FACK2PM TUK-FACK2PM Datasheet
1Mb / 3P
PANEL MOUNT CONNECTORS RANGE
FACK2S TUK-FACK2S Datasheet
1Mb / 9P
LOW PROFILE PANEL MOUNT RANGE
04/01/2022
More results

Podobny opis - FACK2BK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
CC5E88IW PANDUIT-CC5E88IW Datasheet
157Kb / 1P
Mini-Com짰 Category 5e UTP Coupler Module
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
logo
Hubbell Incorporated.
HI6C HUBBELL-HI6C Datasheet
277Kb / 1P
Category 6 Copper Panel Mount Connectors Inline Coupler
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
Category 5e Jack
NSJ5EBK24 HUBBELL-NSJ5EBK24 Datasheet
374Kb / 1P
Category 5e Jack
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
Category 5e Jack
NSJ5EGY HUBBELL-NSJ5EGY Datasheet
285Kb / 1P
Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
Category 5e Jack
NSJ5EW HUBBELL-NSJ5EW Datasheet
296Kb / 1P
Category 5e Jack
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com