Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FACK4BKPM Arkusz danych(PDF) 1 Page - TUK Ltd

Numer części FACK4BKPM
Szczegółowy opis  Category 5e Keystone Panel Mount Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TUK [TUK Ltd]
Strona internetowa  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK4BKPM Arkusz danych(HTML) 1 Page - TUK Ltd

  FACK4BKPM Datasheet HTML 1Page - TUK Ltd FACK4BKPM Datasheet HTML 2Page - TUK Ltd FACK4BKPM Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Category 5e Keystone Panel Mount Coupler
Category 5e Unshielded Keystone Panel Mount Coupler (FACK4BKPM)
Features
High performance data throughput, meets Category 5e data transfer rates
Easily mounted into panels of virtually any thickness
Die cast adaptor is robust and ensures easy mounting (into standard cut-out) and reliable earthing
Specifications
Dimensions: 35.5 x 19.12 x 29.54mm approx. (H x W x D)
Assembled weight (without screws): 14g approx.
Colour:
Coupler: Black
Panel mount: Silver
Material:
Coupler:
Panel mount adaptor: Zinc
Housing ABS UL90V-0
Contacts: 50μ”/ 1.27μm gold plating over nickel plated phosphor bronze
Supplied with 2 pairs of screws
2 x round head nickel plated steel self-tapping screws
2 x round head (4.40 x ¼”) machine screws
For more detailed coupler specification please see webpage below:
http://www.tuk.co.uk/tuk_live/product_details.php?category_id=&pId=438
Packaging: Supplied as a kit in individual polythene bags, then in bags of 20
Commodity Code: 85444920
EAN Number: 5055386507662
28/11/2019
PoE Compliant


Podobny numer części - FACK4BKPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TUK Ltd
FACK4BK TUK-FACK4BK Datasheet
1Mb / 2P
Category 5e Keystone Mount Coupler
22/10/2019
FACK4BKDPM TUK-FACK4BKDPM Datasheet
173Kb / 1P
Category 5e Keystone D Universal Coupler
27/02/2020
More results

Podobny opis - FACK4BKPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
CC5E88IW PANDUIT-CC5E88IW Datasheet
157Kb / 1P
Mini-Com짰 Category 5e UTP Coupler Module
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
logo
Hubbell Incorporated.
HI6C HUBBELL-HI6C Datasheet
277Kb / 1P
Category 6 Copper Panel Mount Connectors Inline Coupler
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
Category 5e Jack
NSJ5EBK24 HUBBELL-NSJ5EBK24 Datasheet
374Kb / 1P
Category 5e Jack
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
Category 5e Jack
NSJ5EGY HUBBELL-NSJ5EGY Datasheet
285Kb / 1P
Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
Category 5e Jack
NSJ5EW HUBBELL-NSJ5EW Datasheet
296Kb / 1P
Category 5e Jack
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com