Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1212150. Arkusz danych(PDF) 1 Page - PHOENIX CONTACT

Numer części 1212150.
Szczegółowy opis  Stripping tool - WIREFOX 10 - 1212150
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212150. Arkusz danych(HTML) 1 Page - PHOENIX CONTACT

  1212150. Datasheet HTML 1Page - PHOENIX CONTACT 1212150. Datasheet HTML 2Page - PHOENIX CONTACT 1212150. Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/gb/products/1212150
12/21/2016   Page 1 / 3
Stripping tool - WIREFOX 10 - 1212150
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Stripping tool, for cables and conductors from 0.02 - 10 mm², self-adjusting, stripping length of up to 18 mm,
cutting capacity of up to 10 mm² stranded/1.5 mm² solid, replaceable stripping blade
Product Description
Insertable stripping blades: 1212151 WIREFOX 4/SB, 1212153 WIREFOX 16/SB, and 1212314 WIREFOX 6SC/SB, direct replacement: 1212152
WIREFOX 10/SB
Why buy this product
 Flexible, adjustable limit stop for the stripping length
 Practical integrated wire cutter
 WIREFOX ... stripping pliers feature an automatic adjustment mechanism for a wide range of different types of insulation and conductor
diameters
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356454407
Weight per Piece (excluding packing)
201.500 g
Custom tariff number
82032000
Country of origin
Sweden
Technical data
Dimensions
Length (b)
191 mm
Width (a)
20 mm
Height
90 mm
Cable diameter
0.1 mm ... 3.7 mm
General
Color
Black/green


Podobny numer części - 1212150.

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
1212150 PHOENIX-1212150 Datasheet
52Kb / 3P
Stripping tool - WIREFOX 10
1212150 PHOENIX-1212150 Datasheet
343Kb / 14P
PCB connector, Push-in spring connection
1212150 PHOENIX-1212150 Datasheet
377Kb / 15P
PCB connector, Push-in spring connection
1212150 PHOENIX-1212150 Datasheet
392Kb / 15P
PCB connector, Push-in spring connection
1212150 PHOENIX-1212150 Datasheet
397Kb / 15P
PCB connector, Push-in spring connection
More results

Podobny opis - 1212150.

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
1207365 PHOENIX-1207365 Datasheet
46Kb / 2P
Stripping tool - QUICK WIREFOX 18
1212150 PHOENIX-1212150 Datasheet
52Kb / 3P
Stripping tool - WIREFOX 10
1212155 PHOENIX-1212155 Datasheet
52Kb / 2P
Stripping tool - WIREFOX 16
1212156 PHOENIX-1212156 Datasheet
49Kb / 2P
Stripping tool - WIREFOX 4
1212158 PHOENIX-1212158 Datasheet
53Kb / 2P
Stripping tool - WIREFOX 6SC
1212161 PHOENIX-1212161 Datasheet
51Kb / 3P
Stripping tool - WIREFOX-D 40
1212173 PHOENIX-1212173 Datasheet
51Kb / 2P
Stripping tool - WIREFOX-D 16
1212366 PHOENIX-1212366 Datasheet
49Kb / 2P
Stripping tool - WIREFOX 10 VDE
1212368 PHOENIX-1212368 Datasheet
55Kb / 3P
Stripping tool - WIREFOX 2,5
1212813 PHOENIX-1212813 Datasheet
53Kb / 2P
Stripping tool - WIREFOX 10 VDE_DB
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com