Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HT-323 Arkusz danych(PDF) 1 Page - Multicomp Pro

Numer części HT-323
Szczegółowy opis  Stripping Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MULTICOMP [Multicomp Pro]
Strona internetowa  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HT-323 Arkusz danych(HTML) 1 Page - Multicomp Pro

  HT-323 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
16/10/12
Stripping Tool
Features:
• For stripping RG 59, 6, 7 and 11 cable
• Stripping length is preset to 1/4 inch (6.35mm)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Description:
Part Number
Stripping Tool, RG59/62 Cable
HT-323
Specifications:
Length
: 4.76" (120.8 ±3)
Weight
: 30g
Body Material
: ABS
Colour
: Yellow
Strip Length
: 6.35mm
Part Number Table
Dimensions : Inches (Millimetres)


Podobny numer części - HT-323

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teccor Electronics
HT-32 TECCOR-HT-32 Datasheet
555Kb / 4P
Bilateral Trigger Diacs
logo
Premier Farnell Limited...
HT-328 DURATOOL-HT-328 Datasheet
378Kb / 1P
Cable Tie Gun
13/06/12 V1.0
logo
Teccor Electronics
HT-32A TECCOR-HT-32A Datasheet
555Kb / 4P
Bilateral Trigger Diacs
HT-32B TECCOR-HT-32B Datasheet
555Kb / 4P
Bilateral Trigger Diacs
More results

Podobny opis - HT-323

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
1206146 PHOENIX-1206146 Datasheet
45Kb / 2P
Stripping tool - KAMES-LWL
1212150 PHOENIX-1212150 Datasheet
52Kb / 3P
Stripping tool - WIREFOX 10
1212158 PHOENIX-1212158 Datasheet
53Kb / 2P
Stripping tool - WIREFOX 6SC
1212368 PHOENIX-1212368 Datasheet
55Kb / 3P
Stripping tool - WIREFOX 2,5
logo
Weidmuller
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com