| Zakładka z wyszukiwarką danych komponentów |
|
STK14EC8 Arkusz danych(PDF) 14 Page - Simtek Corporation |
|
|
|||||||||||||||||||||||||||||
STK14EC8 Arkusz danych(HTML) 14 Page - Simtek Corporation |
|
14 / 19 page ![]() 14 Simtek Confidential Jan, 2008 Document Control #ML0060 Rev 1.1 STK14EC8 Preliminary PREVENTING AUTOSTORE The AutoStore function can be disabled by initiating an AutoStore Disable sequence. A sequence of READ operations is performed in a manner similar to the software STORE initiation. To initiate the AutoStore Disable sequence, the following sequence of E controlled or G controlled READ operations must be performed: The AutoStore can be re-enabled by initiating an AutoStore Enable sequence. A sequence of READ operations is performed in a manner similar to the software RECALL initiation. To initiate the AutoStore Enable sequence, the following sequence of E controlled or G controlled READ operations must be performed: If the AutoStore function is disabled or re-enabled, a manual STORE operation (Hardware or Soft- ware) needs to be issued to save the AutoStore state through subsequent power down cycles. The part comes from the factory with AutoStore enabled, but best design practice is to set the enable or disable state during each power-up sequence and not depend on this factory default condition. Simtek recommends users configure the part completely for the specific application. 1 Read Address 0x4E38 Valid READ 2 Read Address 0xB1C7 Valid READ 3 Read Address 0x83E0 Valid READ 4 Read Address 0x7C1F Valid READ 5 Read Address 0x703F Valid READ 6 Read Address 0x8B45 AutoStore Disable 1 Read Address 0x4E38 Valid READ 2 Read Address 0xB1C7 Valid READ 3 Read Address 0x83E0 Valid READ 4 Read Address 0x7C1F Valid READ 5 Read Address 0x703F Valid READ 6 Read Address 0x4B46 AutoStore Enable Figure 4 - Current vs Cycle Time |