Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8050. Arkusz danych(PDF) 1 Page - Belden Inc.

Numer części 8050.
Szczegółowy opis  8050 Hook-up/Lead - Magnet Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BELDEN [Belden Inc.]
Strona internetowa  https://www.belden.com/
Logo BELDEN - Belden Inc.

8050. Arkusz danych(HTML) 1 Page - Belden Inc.

  8050. Datasheet HTML 1Page - Belden Inc. 8050. Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
Beldsol is a dual insulated Magnet Wire, combining excellent dielectric characteristics of polyurethane and
toughness and solvent resistance of a nylon overcoat. Rated by IEEE tests for 270°F usage and will solder
without insulation removal at 750°F.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
20
Solid
BC - Bare Copper
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
PUR/Nylon - Polyurethane/Nylon
Min. Increase in OD:
0.001 in.
Overall Cable
Overall Maximum Diameter:
.0339
Mechanical Characteristics (Overall)
Non-UL Temperature Rating:
130°C
Bulk Cable Weight:
3.100 lbs/1000 ft.
Approximate Length:
160
Turns Per Linear Inch:
29.9
Turns Per Square Inch:
894
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Military Specification:
J-W-1177/9
MIL Spec Rating:
Class 130, Type SUN, Single
NEMA Specification:
NEMA-MW28-C (Single)
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
10.100
Max. Recommended Current:
Current
Page 1 of 2
01-05-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8050 Hook-up/Lead - Magnet Wire


Podobny numer części - 8050.

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Electronics
8050 MICRO-ELECTRONICS-8050 Datasheet
120Kb / 1P
NPN EPITAXIAL SILICON PLANAR TRANSISTOR
logo
Stanson Technology
8050 STANSON-8050 Datasheet
90Kb / 1P
NPN TRANSISTOR
logo
Daya Electric Group Co....
8050 DAYA-8050 Datasheet
802Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
8050 ETC2-8050 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Nanjing International G...
8050 DGNJDZ-8050 Datasheet
102Kb / 5P
NPN Silicon Epitaxial Planar Transistor
More results

Podobny opis - 8050.

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Cable Technolog...
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
C2052A GENERAL-C2052A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2117A GENERAL-C2117A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
Alpha Wire
3047 ALPHAWIRE-3047 Datasheet
2Mb / 49P
Hook-Up Wire
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com