Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST20-JPI110 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części ST20-JPI110
Szczegółowy opis  PC PARALLEL PORT TO JTAG INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI110 Arkusz danych(HTML) 5 Page - STMicroelectronics

  ST20-JPI110 Datasheet HTML 1Page - STMicroelectronics ST20-JPI110 Datasheet HTML 2Page - STMicroelectronics ST20-JPI110 Datasheet HTML 3Page - STMicroelectronics ST20-JPI110 Datasheet HTML 4Page - STMicroelectronics ST20-JPI110 Datasheet HTML 5Page - STMicroelectronics ST20-JPI110 Datasheet HTML 6Page - STMicroelectronics ST20-JPI110 Datasheet HTML 7Page - STMicroelectronics ST20-JPI110 Datasheet HTML 8Page - STMicroelectronics ST20-JPI110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ST20-JPI
5/10
®
2.2
Hardware Installation - B300
The ST20-JPI can also be attached to the Ethernet via a B300. To install the hardware connecting
to a B300, the following steps should be followed:
•
Connect the B300 to the ST20-JPI using a Differential OS-Link cable supplied with the
B300.
•
Plug the target development system into the 20-way IDC connector using a 20 way IDC
cable.
•
Plug power supply cable into PSU socket of the interface.
•
Plug the power supply into the mains socket.
•
Switch on the B300.
•
Switch on the power supply to the ST20-JPI. The LEDs on the interface should illuminate
once the software is running. For a description of the meaning of the LEDs, see the ST20
toolset documentation.
•
Switch on the Target power supply.
2.3
Software Installation
For installation of the DLL and VxD drivers, please refer to the ST20 Toolset software installation
documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10