| Zakładka z wyszukiwarką danych komponentów |
|
TDA7590 Arkusz danych(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 Arkusz danych(HTML) 29 Page - STMicroelectronics |
|
29 / 40 page ![]() TDA7590 Appendix 1 29/40 INIT_TCPR2 EQU $000000 ;--- TPLR -------------------------------------------------------------------- ; settings for the clock control register ; 321098765432109876543210 ;INIT_TPLR EQU %001000000000001111100111 ; $2003E7 source TIO0 / divider = 999+1 INIT_TPLR EQU %000000000000001111100111 ; $0003E7 source internal / prescaler 999 ; x------------------------> ; Reserved. Write to zero for future compatibility. ; 01----------------------> PS[1-0] ; Prescaler Source [00 internal / 01 external TIO0 / ; ; 10 external TIO0 / 11 external TIO0] ; 000000000010000000000-> PL[20-0] ; Prescaler Preload Value200400 ;------------------------------------------------------------------------------- ; Interrupt Initialisation Values ;------------------------------------------------------------------------------- ; settings for the Interrupt priority register - Core ; 321098765432109876543210 INIT_IPR_C EQU %000000000000000000000000 ; $000000 ; settings for the Interrupt priority register - peripherals ; 321098765432109876543210 INIT_IPR_P EQU %000000000011111001000100 ; $29C4 glitch sull'uscita del dac ; 00---- HI ; 11------ ESSI0 ; 00-------- ESSI1 ; 11---------- SCI ; 11------------ TIMER ; 11 ------------- SAI ; 11 --------------- CODEC ; 00 ----------------- PLL ; 00 ------------------- Unknow ; 00 --------------------- I2C ; 00 ----------------------- SPI ; 00 ------------------------- EMI ;------------------------------------------------------------------------------- ; Expansion Port Intitialisation values ;------------------------------------------------------------------------------- ;--- INIT_AAR0 ----------------------------------------------------------------------- ; settings for the Address Attribute Register1 ; 321098765432109876543210 INIT_AAR0 EQU %110000000000010000010000 ; C00410 ; 00 --- BAT (00: Synchronous SRAM; 01: SRAM; 10: DRAM; 11: Reserved) ; 0 ----- BAAP (0:AA1 active low; 1: AA1 active high) ; 0 ------ BPEN (0: P space disabled; 1: P space enabled) ; 1 ------- BXEN (0: X data space disabled; 1: X data space enabled) ; 0 -------- BYEN (0: Y data space disabled; 1: Y data space enabled) ; 0 --------- BAM (0: 8 LSB of address will appear on A0-A7; ; 1: 8 LSB of address will appear on A16-A23) ; 0 ---------- BPAC (0: packing disabled; 1: packing enabled) ; 0100 ----------- BNC (Number of bits to compare; 1111, 1110, 1101 reserved) ; 110000000000 --------------- BAC (Address to compare; BNC most significant) ;--- INIT_BCR ----------------------------------------------------------------------- |