| Zakładka z wyszukiwarką danych komponentów |
|
ST20C4 Arkusz danych(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20C4 Arkusz danych(HTML) 47 Page - STMicroelectronics |
|
47 / 212 page ![]() cbu 47/212 ® cbu check byte unsigned Code: 2B FB Description: Check that the value in Areg can be represented as an 8-bit unsigned integer. Definition: if (Areg < 0) or (Areg ≥ 28) IntegerError Error signals: IntegerError signalled if Areg is not in range. Comments: Secondary instruction. See also: cb cir ciru cs csu |