Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

766143104FPSP Arkusz danych(PDF) 3 Page - CTS Corporation

Numer części 766143104FPSP
Szczegółowy opis  Leaded Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTS [CTS Corporation]
Strona internetowa  http://www.ctscorp.com
Logo CTS - CTS Corporation

766143104FPSP Arkusz danych(HTML) 3 Page - CTS Corporation

  766143104FPSP Datasheet HTML 1Page - CTS Corporation 766143104FPSP Datasheet HTML 2Page - CTS Corporation 766143104FPSP Datasheet HTML 3Page - CTS Corporation 766143104FPSP Datasheet HTML 4Page - CTS Corporation 766143104FPSP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
February 2008
CTS Electronic Components
Leaded Surface Mount Series 766
www.ctscorp.com
Standard Resistor Values & EIA Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
0
000X
68
680
470
471
3.3K
332
27K
273
220K
224
10
100
75
750
510
511
3.9K
392
33K
333
270K
274
12
120
82
820
560
561
4.7K
472
39K
393
330K
334
15
150
100
101
680
681
5.1K
512
47K
473
390K
394
18
180
110
111
820
821
5.6K
562
51K
513
470K
474
22
220
120
121
1K
102
6.8K
682
56K
563
510K
514
27
270
150
151
1.2K
122
8.2K
822
68K
683
560K
564
33
330
180
181
1.5K
152
10K
103
82K
823
680K
684
39
390
220
221
1.8K
182
12K
123
100K
104
820K
824
47
470
270
271
2.0K
202
15K
153
120K
124
1M
105
51
510
330
331
2.2K
222
18K
183
150K
154
56
560
390
391
2.7K
272
22K
223
180K
184
Dual Terminator Resistor Values
The Series 766 part number includes the EIA Code value of the Thevenin equivalent resistances of R1 and R2.
The Thevenin equivalent resistance is calculated in the following way: The suffix letter relates only to the
sequence of variations that equal the same equivalent resistance. Reference Thevenin Equivalent Resistance
Chart.
Req=R1R2/(R1 + R2)
Example:
766165131A
R1=220 Ohms
R2=330 Ohms
Req=132 Ohms
Pin N/2 is common to R2 and Pin N is common to R1 on CTS Series 766.
Thevenin Equivalent Resistance Chart
(Cont.)
R1
R2
R1
R2
Ohms
Thevenin
Equivalent
CTS
Code
Ohms
Thevenin
Equivalent
CTS
Code
25
50
17 ohm
150A
110
220
73 ohm
730A
30
50
19 ohm
190A
118
178
71 ohm
710A
30
620
29 ohm
290A
120
200
75 ohm
750B
33
4.7K
33 ohm
330A
120
180
72 ohm
720A
36
620
34 ohm
340A
120
120
60 ohm
600B
43
620
40 ohm
400A
150
150
75 ohm
750A
68
189
50 ohm
500B
160
260
99 ohm
990A
75
620
67 ohm
670A
160
240
96 ohm
960A
80
220
59 ohm
590A
160
270
100 ohm
101D
81
130
50 ohm
500A
162
260
100 ohm
101B
81
2.2K
78 ohm
780A
180
300
113 ohm
111B
100
200
67 ohm
670B
180
470
130 ohm
131C
100
430
81 ohm
810A
180
390
123 ohm
121A
100
150
60 ohm
600A
180
270
108 ohm
111A
106
169
65 ohm
650A
180
220
99 ohm
101A



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com