Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MDT10F6301 Arkusz danych(PDF) 2 Page - Micon Design Technology Corporation

Numer części MDT10F6301
Szczegółowy opis  8-bit Micro-controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MDTIC [Micon Design Technology Corporation]
Strona internetowa  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10F6301 Arkusz danych(HTML) 2 Page - Micon Design Technology Corporation

  MDT10F6301 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10F6301 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MDT10F6301
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.2
2008/4
Ver. 1.0
5. Order Information
Device
ROM
(Words)
RAM
(Bytes)
EEPROM
(Bytes)
I/O
Comparators
Timer
(8/16 bit)
Package
Remark
MDT10F6301P11
2.0K
96
128
14
1
1/1
16-DIP Pin 5 is PA3 function
MDT10F6301P13
2.0K
96
128
13
1
1/1
16-DIP
Pin 5 is /MCLR
external reset
function
MDT10F6301S11
2.0K
96
128
14
1
1/1
16-SOP Pin 5 is PA3 function
MDT10F6301S13
2.0K
96
128
13
1
1/1
16-SOP
Pin 5 is /MCLR
external reset
function
6. Block Diagram
Stack Eight
Levels
Program
Counters
Oscillator
circuit
Flash ROM
2048 ×14
Instruction
Register
Instruction
Decoder
Working Register
ALU
EEPROM
128×8
Special
Register
Control
Circuit
Status Register
Port A
Port C
Data
8bit
8 bits
11 bits
14 bits
D0~D7
PA0~PA2
PA4~PA5
5 bits
RAM
96 ×8
TMR1
16 Bits
PC0~PC7
8 bits
Comparator
TMR0
8 Bits
PA3
Power on Reset
Watchdog Timer
Power Down Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com