| Zakładka z wyszukiwarką danych komponentów |
|
ICS251PMLF Arkusz danych(PDF) 7 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS251PMLF Arkusz danych(HTML) 7 Page - Integrated Device Technology |
|
7 / 10 page ![]() ICS251 FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER EPROM CLOCK SYNTHESIZER IDT™ / ICS™ FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 7 ICS251 REV B 061306 Marking Diagram Marking Diagram (Pb free) Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “I” denotes industrial temp. range (if applicable). 4. “L” denotes RoHS compliant package. 5. Bottom marking: country of origin. 251PM ###### YYWW 14 5 8 251PMI ###### YYWW 14 5 8 251PML ###### YYWW 14 5 8 251PMIL ###### YYWW 14 5 8 |