Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6384ED Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części L6384ED
Szczegółowy opis  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384ED Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button L6384ED Datasheet HTML 8Page - STMicroelectronics L6384ED Datasheet HTML 9Page - STMicroelectronics L6384ED Datasheet HTML 10Page - STMicroelectronics L6384ED Datasheet HTML 11Page - STMicroelectronics L6384ED Datasheet HTML 12Page - STMicroelectronics L6384ED Datasheet HTML 13Page - STMicroelectronics L6384ED Datasheet HTML 14Page - STMicroelectronics L6384ED Datasheet HTML 15Page - STMicroelectronics L6384ED Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
L6384E
12/17
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17