| Zakładka z wyszukiwarką danych komponentów |
|
ST6200CM3 Arkusz danych(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6200CM3 Arkusz danych(HTML) 67 Page - STMicroelectronics |
|
67 / 70 page ![]() 67/70 ST6200C/01C/03C ST6200C/01C/03C MICROCONTROLLER OPTION LIST Customer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Address . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... . Contact . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Phone No . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . STMicroelectronics references Device: [ ] ST6200C [ ] ST6201C [ ] ST6203C Package: [ ] Dual in Line Plastic [ ] Small Outline Plastic with conditionning: [ ] Standard (Stick) [ ] Tape & Reel [ ] Shrink Small Outline Plastic Temperature Range: [ ] 0 °Cto + 70°C []- 40 °Cto + 85°C[ ] - 40°C to + 125°C Special Marking: [ ] No [ ] Yes ”_ _ _ _ ____ __ _ ” Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only. Maximum character count: DIP16: 9 SO16: 6 Oscillator Source Selection: [ ] Crystal Quartz/Ceramic resonator [ ] RC Network Watchdog Selection: [ ] Software Activation [ ] Hardware Activation ROM Readout Protection: [ ] Disabled (Fuse cannot be blown) [ ] Enabled (Fuse can be blown by the customer) Note: No part is delivered with protected ROM. The fuse must be blown for protection to be effective. External STOP Mode Control[ ] Enabled [ ] Disabled LVD Reset [ ] Enabled [ ] Disabled NMI pin pull-up [ ] Enabled [ ] Disabled OSG [ ] Enabled [ ] Disabled Comments : Supply Operating Range in the application: Oscillator Fequency in the application: Notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Signature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Date . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67 |