| Zakładka z wyszukiwarką danych komponentów |
|
ST6252CB6 Arkusz danych(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6252CB6 Arkusz danych(HTML) 78 Page - STMicroelectronics |
|
78 / 78 page ![]() 78/78 ST6252C ST6262B 1.3 ORDERING INFORMATION The following section deals with the procedure for transfer of customer codes to STMicroelectronics. 1.3.1 Transfer of Customer Code Customer code is made up of the ROM contents and the list of the selected mask options. The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal file gener- ated by the development tool. All unused bytes must be set to FFh. The selected mask options are communicated to STMicroelectronics using the correctly filled OP- TION LIST appended. 1.3.2 Listing Generation and Verification When STMicroelectronics receives the user’s ROM contents, a computer listing is generated from it. This listing refers exactly to the mask which will be used to produce the specified MCU. The listing is then returned to the customer who must thoroughly check, complete, sign and return it to STMicroelectronics. The signed listing forms a part of the contractual agreement for the creation of the specific customer mask. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Table 1. ROM Memory Map for ST6252C/62B Table 2. ROM version Ordering Information Information furnished is believed to be accurate and reliable. However, STMi croelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as criti cal components in life support devices or systems without the express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics ©1999 STMicroelectronics - All Rights Reserved. Purchase of I2C Components by STMicroelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips. STMi croelectronics Group of Companies Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain Sweden - Switzerland - United Kingdom - U.S.A. http:// www.st.com Device Address Descriptio n 0000h-087Fh 0880h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Sales Type ROM EEPROM (Bytes) Temperature Range Package ST6252CB1/XXX ST6252CB6/XXX ST6252CB3/XXX 1836 Bytes None 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP16 ST6252CM1/XXX ST6252CM6/XXX ST6252CM3/XXX 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO16 ST6252CN1/XXX ST6252CN6/XXX ST6252CN3/XXX 0 to +70 °C -40 to + 85 °C -40 to + 125 °C SSOP16 ST6262BB1/XXX ST6262BB6/XXX ST6262BB3/XXX 1836 Bytes 64 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP16 ST6262BM1/XXX ST6262BM6/XXX ST6262BM3/XXX 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO16 ST6262BN1/XXX ST6262BN6/XXX ST6262BN3/XXX 0 to +70 °C -40 to + 85 °C -40 to + 125 °C SSOP16 |