| Zakładka z wyszukiwarką danych komponentów |
|
ST6392B1 Arkusz danych(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6392B1 Arkusz danych(HTML) 68 Page - STMicroelectronics |
|
68 / 68 page ![]() Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of SGS-THOMSON Microelectronics. © 1994 SGS-THOMSON Microelectronics - All rights reserved. Purchase of I2C Components by SGS-THOMSON Microelectronics conveys a license under the Philips I 2C Patent. Rights to use these components in an I 2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips. SGS-THOMSON Microelectronics Group of Companies Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. Sales Type ROM/EEPROM Size Temperature Range Package ST6391B1/XX 16K/128 Bytes 0 to + 70 ° C PSDIP42 ST6392B1/XX 20K/128 Bytes 0 to + 70 ° C PSDIP42 ST6393B1/XX 16K/128Bytes 0 to + 70 ° C PSDIP42 ST6395B1/XX 20K/384 Bytes 0 to + 70 ° C PSDIP42 ST6397B1/XX 20K/384 Bytes 0 to + 70 ° C PSDIP42 ST6399B1/XX 16K/128 Bytes 0 to + 70 ° C PSDIP42 Note: “XX” Is the ROM code identifier that is allocated by SGS-THOMSON after receipt of all required options and the related ROM file. ORDERING INFORMATION TABLE ® ST6391,92,93,95,97,99 64/64 |