| Zakładka z wyszukiwarką danych komponentów |
|
ST70235A Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST70235A Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 28 page ![]() ST70235A 24/28 General purpose I/O register (0x40) Bits from 3 to 15 are reserved Reset Initialization The ST70235A supports two reset modes: – A 'hardware' reset is activated by the RESETB pin (active low). A hard reset occurs when a low input value is detected at the RESETB input. The low level must be applied for at least 1ms to guarantee a correct reset operation. All clocks and power supplies must be stable for 200ns prior to the rising edge of the RESETB signal. – 'Soft' reset activated by the controller write access to a soft reset configuration bit. The reset process takes less than 10000 MCLK clock cycles. U_Txdata[5] IO77 I U_Txdata[4] IO78 I U_Txdata[3] IO79 I U_Txdata[2] IO80 I U_Txdata[1] IO82 I U_Txdata[0] IO83 I U_Txaddr[4] IO84 I U_Txaddr[3] IO85 I U_Txaddr[2] IO87 I U_Txaddr[1] IO88 I U_Txaddr[0] IO89 I Reserved 0 IO90 O Reserved 1 IO92 O Reserved 2 IO93 O Reserved 3 IO94 O Reserved 4 IO96 O Reserved 5 IO97 O Reserved 6 IO98 O Reserved 7 IO99 O Reserved 8 IO100 NONE Reserved 9 IO101 O Reserved 10 IO103 I Reserved 11 IO104 I Reserved 12 IO105 I Reserved 13 IO106 I Reserved 14 IO107 O Reserved 15 IO110 O Reserved 16 IO111 O TDI IO112 NONE TDO IO113 NONE TMS IO114 NONE TCK IO116 NONE TRSTB IO118 NONE Testse IO119 C GP_Out IO120 O Table 8 : Boundary Scan Chain Sequence Signal Name Sequence Number BS Type Pdown IO121 O Afrxd[0] IO123 I Afrxd[1] IO124 I Afrxd[2] IO125 I Afrxd[3] IO126 I Clwd IO128 I Mclk IO129 C Ctrldata IO130 O Disable_Comp IO135 I Iddq IO138 C AFTXD[0] IO139 NONE AFTXD[1] IO140 NONE AFTXD[2] IO142 NONE AFTXD[3] IO143 NONE Field Type Position Bits Length Function GP_IN R [0,1] 2 Sampled level on pins GP_IN GP_OUT RW [2] 1 Output level on pins GP_OUT Table 8 : Boundary Scan Chain Sequence Signal Name Sequence Number BS Type |