| Zakładka z wyszukiwarką danych komponentów |
|
ST72F262G2M6 Arkusz danych(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F262G2M6 Arkusz danych(HTML) 89 Page - STMicroelectronics |
|
89 / 171 page ![]() ST72260G, ST72262G, ST72264G 89/171 SERIAL COMMUNICATIONS INTERFACE (Cont’d) 11.5.4.3 Receiver The SCI can receive data words of either 8 or 9 bits. When the M bit is set, word length is 9 bits and the MSB is stored in the R8 bit in the SCICR1 register. Character reception During a SCI reception, data shifts in least signifi- cant bit first through the RDI pin. In this mode, the SCIDR register consists or a buffer (RDR) be- tween the internal bus and the received shift regis- ter (see Figure 54). Procedure – Select the M bit to define the word length. – Select the desired baud rate using the SCIBRR and the SCIERPR registers. – Set the RE bit, this enables the receiver which begins searching for a start bit. When a character is received: – The RDRF bit is set. It indicates that the content of the shift register is transferred to the RDR. – An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register. – The error flags can be set if a frame error, noise or an overrun error has been detected during re- ception. Clearing the RDRF bit is performed by the following software sequence done by: 1. An access to the SCISR register 2. A read to the SCIDR register. The RDRF bit must be cleared before the end of the reception of the next character to avoid an overrun error. Break Character When a break character is received, the SPI han- dles it as a framing error. Idle Character When a idle frame is detected, there is the same procedure as a data received character plus an in- terrupt if the ILIE bit is set and the I bit is cleared in the CCR register. Overrun Error An overrun error occurs when a character is re- ceived when RDRF has not been reset. Data can not be transferred from the shift register to the RDR register as long as the RDRF bit is not cleared. When a overrun error occurs: – The OR bit is set. – The RDR content will not be lost. – The shift register will be overwritten. – An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register. The OR bit is reset by an access to the SCISR reg- ister followed by a SCIDR register read operation. Noise Error Oversampling techniques are used for data recov- ery by discriminating between valid incoming data and noise. When noise is detected in a frame: – The NF is set at the rising edge of the RDRF bit. – Data is transferred from the Shift register to the SCIDR register. – No interrupt is generated. However this bit rises at the same time as the RDRF bit which itself generates an interrupt. The NF bit is reset by a SCISR register read oper- ation followed by a SCIDR register read operation. Framing Error A framing error is detected when: – The stop bit is not recognized on reception at the expected time, following either a de-synchroni- zation or excessive noise. – A break is received. When the framing error is detected: – the FE bit is set by hardware – Data is transferred from the Shift register to the SCIDR register. – No interrupt is generated. However this bit rises at the same time as the RDRF bit which itself generates an interrupt. The FE bit is reset by a SCISR register read oper- ation followed by a SCIDR register read operation. |