| Zakładka z wyszukiwarką danych komponentów |
|
ST75C530 Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C530 Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 84 page ![]() VI.1.3 - Host Interface Summary Address (hex) Description Size (Byte) Mnemonic COMMAND AREA $00 Command 1 COMSYS $01-$04 Command Parameters 4 COMPAR[0..3] REPORT AREA $05 Acknowledge Counter 1 COMACK $06-$07 Report 2 COMREP[0..1] STATUS AREA $08 Error Status 1 SYSERR $09-$0A General Status 2 STATUS[0..1] $0B Quality Monitor 1 STAQUA $0C-$0F Optional Report 3 STAOPT[0..3] DATA BUFFER AREA (FAX Modes and Data Modes) $1C Data Rx Buffer 0 Status 1 DTRBS0 $1D-$24 Data Rx Buffer 0 8 DTRBF0[0..7] $25 Data Rx Buffer 1 Status 1 DTRBS1 $26-$2D Data Rx Buffer 1 8 DTRBF1[0..7] $2E Data Tx Buffer 0 Status 1 DTTBS0 $2F-$36 Data Tx Buffer 0 8 DTTBF0[0..7] $37 Data Tx Buffer 1 Status 1 DTTBS1 $38-$3F Data Tx Buffer 1 8 DTTBF1[0..7] VOCODER BUFFER AREA (Vocoder Mode) $1C Vocoder Buffer Status 1 VOCSTA $1D-$2E Vocoder Buffer Data 18 VOCDATA $2F-$30 Vocoder Buffer Corrector 2 VOCCORR INTERRUPT AREA $40-$46 Reset Interrupt Register 7 ITREST[0..6] $4F Interrupt Mask Register 1 ITMASK $50 Interrupt Source Register 1 ITSRCR GENERAL IO AND RELAY $60 I/O Direction 0 1 IODIR0 $61 I/O Direction 1 1 IODIR1 $62 I/O Data 0 1 IODATA0 $63 I/O Data 1 1 IODATA1 $64 I/O Relay Register 1 IORELAY Note : Registers which address is higher or equal to $40 are not affected by a INIT Command or a Low Power wake-up. They are reseted only by a Hardware RESET. VI - USER INTERFACE (continued) ST75C530 - ST75C540 24/84 |