Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RGF3MB Arkusz danych(PDF) 5 Page - TAITRON Components Incorporated

Numer części RGF3MB
Szczegółowy opis  3.0A Sintered Glass Passivated Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAITRON [TAITRON Components Incorporated]
Strona internetowa  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RGF3MB Arkusz danych(HTML) 5 Page - TAITRON Components Incorporated

  RGF3MB Datasheet HTML 1Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 2Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 3Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 4Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 5Page - TAITRON Components Incorporated RGF3MB Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. B/AH 2008-01-16
www.taitroncomponents.com
Page 5 of 6
RGF3AB – RGF3MAB
3.0A Sintered Glass Passivated Fast Recovery Rectifier
Packing Information:
Carrier Tape Dimensions (in mm)
Reel Dimensions (in mm)
Components
Outline
A0
B0
D
E
F
K0
B1
See note 1
See note 1
1.5±0.1
1.75±0.1
5.50±0.05
See note 1
8.20max.
P
P0
P2
T max.
W
T2
D1
SMB
8.00±0.10
4.0±0.10
2.0±0.1
0.40
12.00±3.00
2.67±0.10
1.5min.
A
B
C
w
T
330 ± 2.0(TR30)
178 ± 2.0(TR70)
50min.
13.0±0.5
18.7max.
14.4max.



Html Pages

1 2 3 4 5 6