| Zakładka z wyszukiwarką danych komponentów |
|
VQB75-D24-S1-R8 Arkusz danych(PDF) 2 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
VQB75-D24-S1-R8 Arkusz danych(HTML) 2 Page - CUI INC |
|
2 / 4 page ![]() V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005 www.v-infinity.com 1-866-372-1258 • VQB75- Single Output Brick DC-DC Converter Model Input Output Output I nput Current Number Voltage Voltage Current No Load Full Load Effic. Case VQB75-D24-S1-R8 18-36VDC 1.8VDC 0.5-25A 60mA 2259mA 83% QB VQB75-D24-S2R5 18-36VDC 2.5VDC 0.5-25A 60mA 3064mA 85% QB VQB75-D24-S3R3 18-36VDC 3.3VDC 0.5-20A 70mA 3125mA 88% QB VQB75-D24-S5 18-36VDC 5VDC 0.5-15A 80mA 3472mA 90% QB VQB75-D48-S1R8 36-75VDC 1.8VDC 0.5-25A 50mA 1116mA 84% QB VQB75-D48-S2R5 36-75VDC 2.5VDC 0.5-25A 50mA 1514mA 86% QB VQB75-D48-S3R3 36-75VDC 3.3VDC 0.5-20A 50mA 1563mA 88% QB NOTES: 1. Measured from high line to low line 2. Measured from full load to zero load 3. Logic compatibility...open collector ref to -input Module ON...open circuit Module OFF...<0.8Vdc 4. Suffix “O” to the model number with open frame type Case HB Pin Connection Pin Function 1. 2. 3. 4. 5. 6. 7. 8. Vin ON/OFF Case -Vout -Sense Trim +Sense +Vout |