| Zakładka z wyszukiwarką danych komponentów |
|
STA001 Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA001 Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 20 page ![]() STA001 14/20 P = Stop K= destination of the remaining 7bit: K=1 the data byte has the same function of the 1st data byte in the normal programming mode. K=0 the data byte has the same function of the 2nd data byte in the normal programming mode. Table 1. First data byte selection table (selection of synthesizer channel) using a 14.72Mhz quartz MSB LSB RF LO freq. selected Units Division ratio selected on synthesizer Notes D6 D5 D4 D3 D2 D1 D0 from REF1 to LO1 0 0 0 0 1 1 0 1324.8+6*0.46 (1327.56) MHz 360.75 Lowest selectable freq. 0 0 0 0 1 1 1 1324.8+7*0.46 MHz 360.875 0 0 0 1 0 0 0 1324.8 + 8*0.46 MHz 361 -- - - - - - 0 0 1 1 1 0 1 1338.14 MHz 363.625 first used freq. - - - - - - - 1324.8 + N*0.46 N=(D6..D0) represented decimal number MHz 360 + N*0.125 general freq. generation rule 1 1 0 1 1 1 0 1375.4 MHz 373.75 Last used freq. -- - - - - - 1 1 1 1 1 1 1 1383.22 MHz 375.875 0 0 0 0 0 0 0 1383.68 MHz 376 -- - - - - - 0 0 0 0 1 0 1 1324.8+133*0.46 (1385.98) MHz 376.625 Highest selectable freq. 1 0 0 0 1 0 1 1356.54 MHz 368.625 Startup presetted data |