| Zakładka z wyszukiwarką danych komponentów |
|
EM780FP8AS-45LL Arkusz danych(PDF) 3 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
EM780FP8AS-45LL Arkusz danych(HTML) 3 Page - Emerging Memory & Logic Solutions Inc |
|
3 / 11 page ![]() EM611FV16 Series Low Power, 64Kx16 SRAM 3 merging Memory & Logic Solutions Inc. merging Memory & Logic Solutions Inc. ABSOLUTE MAXIMUM RATINGS * * Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Parameter Symbol Ratings Unit Voltage on Any Pin Relative to Vss VIN, VOUT -0.2 to Vcc+0.3(Max. 4.0V) V Voltage on Vcc supply relative to Vss VCC -0.2 to 4.0V V Power Dissipation P D 1.0 W Operating Temperature T A -40 to 85 oC FUNCTIONAL DESCRIPTION Note: X means don’t care. (Must be low or high state) CS OE WE LB UB I/O 1-8 I/O 9-16 Mode Power H X X X X High-Z High-Z Deselected Stand by X X X H H High-Z High-Z Deselected Stand by L H H L X High-Z High-Z Output Disabled Active L H H X L High-Z High-Z Output Disabled Active L L H L H Data Out High-Z Lower Byte Read Active L L H H L High-Z Data Out Upper Byte Read Active L L H L L Data Out Data Out Word Read Active L X L L H Data In High-Z Lower Byte Write Active L X L H L High-Z Data In Upper Byte Write Active L X L L L Data In Data In Word Write Active |