| Zakładka z wyszukiwarką danych komponentów |
|
M95010-RBN6G/W Arkusz danych(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95010-RBN6G/W Arkusz danych(HTML) 14 Page - STMicroelectronics |
|
14 / 37 page ![]() M95040, M95020, M95010 14/37 Read Status Register (RDSR) One of the major uses of this instruction is to allow the MCU to poll the state of the Write In Progress (WIP) bit. This is needed because the device will not accept further WRITE or WRSR instructions when the previous Write cycle is not yet finished. As shown in Figure 10., to send this instruction to the device, Chip Select (S) is first driven Low. The bits of the instruction byte are then shifted in, on Serial Data Input (D). The current state of the bits in the Status Register is shifted out, on Serial Data Out (Q). The Read Cycle is terminated by driving Chip Select (S) High. The Status Register may be read at any time, even during a Write cycle (whether it be to the memory area or to the Status Register). All bits of the Sta- tus Register remain valid, and can be read using the RDSR instruction. However, during the current Write cycle, the values of the non-volatile bits (BP0, BP1) become frozen at a constant value. The updated value of these bits becomes avail- able when a new RDSR instruction is executed, af- ter completion of the Write cycle. On the other hand, the two read-only bits (Write Enable Latch (WEL), Write In Progress (WIP)) are dynamically updated during the on-going Write cycle. The status and control bits of the Status Register are as follows: WIP bit. The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register cycle. When set to 1, such a cycle is in progress, when reset to 0 no such cycle is in progress. WEL bit. The Write Enable Latch (WEL) bit indi- cates the status of the internal Write Enable Latch. When set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write or Write Status Register in- struction is accepted. BP1, BP0 bits. The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be software protected against Write instructions. These bits are written with the Write Status Regis- ter (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits is set to 1, the rele- vant memory area (as defined in Table 4.) be- comes protected against Write (WRITE) instructions. The Block Protect (BP1, BP0) bits can be written provided that the Hardware Protect- ed mode has not been set. Figure 10. Read Status Register (RDSR) Sequence C D S 2 1 3456789 10 11 12 13 14 15 Instruction 0 AI01444D Q 7 6543210 Status Register Out High Impedance MSB 7 6543210 Status Register Out MSB 7 |