| Zakładka z wyszukiwarką danych komponentów |
|
AEO04B48S Arkusz danych(PDF) 2 Page - Astec America, Inc |
|
|
|||||||||||||||||||||||||||||
AEO04B48S Arkusz danych(HTML) 2 Page - Astec America, Inc |
|
2 / 26 page ![]() Technical Reference Notes AEO_ALO04/12/20/25x48 Series (Single Output 8th Brick) MODEL: AEO_ALO04/12/20/25x48 SERIES SHEET 2 OF 26 AUGUST 25, 2005 - REVISION G Electrical Specifications ABSOLUTE MAXIMUM RATINGS Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional operation of the device is converter is not implied at these or any other conditions in excess of those given in the operational section of the specs. Exposure to absolute maximum ratings for extended period can adversely affect device reliability. Parameter Device Symbol Min Typical Max Unit Input Voltage Continuous Transient (100ms) All Vin Vin trans -0.3 - - - 75 100 Vdc I/O Isolation Input-to-Output All - 1500 - -Vdc Operating Temperature1 All TA -40 - 85 ºC Storage Temperature All TSTG -55 - 125 ºC Operating Humidity All - 10 - 85 % Max Voltage at Enable Pin All -0.6 - 25 Vdc Max Output Power B (12V0) PO, MAX -- 48.0 W A (5V0) - - 60.0 F (3V3) - - 66.0 G (2V5) - - 50.0 Y (1V8) - - 45.0 M (1V5) - - 37.5 K (1V2) - - 30.0 INPUT SPECIFICATIONS Parameter Device Symbol Min Typical Max Unit Operating Input Voltage Range All VIN 36 48 75 Vdc Input Under-Voltage Lock-out T_ON Threshold T_OFF Threshold All 33 31 34 32 36 34 Vdc Max Input Current2 B (12V0) A (5V0) F (3V3) G (2V5) Y (1V8) M (1V5) K (1V2) Iinmax - - - - - - - - - - - - 1.7 2.3 2.4 1.9 1.8 1.6 1.4 A Standing Loss Vin = Vinnom B (12V0) A (5V0) F (3V3) G (2V5) Y (1V8) M (1V5) K (1V2) - - - - - - - - - - - - - - 5.75 4.00 4.00 4.00 3.00 2.50 2.00 W |