| Zakładka z wyszukiwarką danych komponentów |
|
2SD882 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2SD882 Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 8 page ![]() 2SD882 Electrical characteristics 3/8 2 Electrical characteristics (TCASE = 25°C; unless otherwise specified) Table 4. Electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit ICES Collector cut-off current (VBE = 0) VCE = 60 V 10 µA ICEO Collector cut-off current (IB = 0) VCE = 30 V 100 µA IEBO Emitter cut-off current (IC = 0) VEB = 5 V 10 µA V(BR)CEO (1) Collector-emitter breakdown voltage (IB = 0 ) IC = 10 mA 30 V V(BR)CBO Collector-base breakdown voltage (IE = 0 ) IC = 100 µA 60 V V(BR)EBO Emitter-base breakdown voltage (IC = 0 ) IE = 100 µA 5 V VCE(sat) (1) Collector-emitter saturation voltage IC = 1 A IB = 50 mA IC = 2 A IB = 100 mA IC = 3 A IB = 150 mA 0.4 0.7 1.1 V V V VBE(sat) (1) 1. Pulsed duration = 300 ms, duty cycle ≤1.5%. Base-emitter saturation voltage IC = 2 A IB = 100 mA 1.2 V hFE DC current gain IC = 100 mA VCE = 2 V IC = 1 A VCE = 2 V IC = 3 A VCE = 2 V 100 80 30 300 fT Transition frequency IC = 0.1 A VCE = 10 V 100 MHz |