Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HTG3435CFB Arkusz danych(PDF) 9 Page - Humirel

Numer części HTG3435CFB
Szczegółowy opis  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HUMIREL [Humirel]
Strona internetowa  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3435CFB Arkusz danych(HTML) 9 Page - Humirel

Back Button HTG3435CFB Datasheet HTML 2Page - Humirel HTG3435CFB Datasheet HTML 3Page - Humirel HTG3435CFB Datasheet HTML 4Page - Humirel HTG3435CFB Datasheet HTML 5Page - Humirel HTG3435CFB Datasheet HTML 6Page - Humirel HTG3435CFB Datasheet HTML 7Page - Humirel HTG3435CFB Datasheet HTML 8Page - Humirel HTG3435CFB Datasheet HTML 9Page - Humirel HTG3435CFB Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007
9
Package Outline
with PVBL connector
(4.27 mm – 0.198 in long)
Color : Black
Weight : 1.8g
2
"
$
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
10.8 ± 0.5
Package Outline
with CFB connector
Color : Black
Weight : 1.8g
2
"
$
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
5.96 ± 0.5
Double coated adhesive tape could be used on potted area for housings 1 and 3 (ref: 3M – 5925F) to fix parts.
• RESISTANCE TO PHYSICAL AND CHEMICAL STRESSES
HTG3500 series contain circuits to protect its inputs and outputs against Electrostatic discharges (ESD) up to
±15kV, air discharge.
HTG3500 series are protected against EMC interferences.
HTG3500 series are protected against reverse polarity.
Additional tests under harsh chemical conditions demonstrate good operation in presence of salt atmosphere,
SO2 (0.5%), H2S (0.5%), O3, NOx, NO, CO, CO2, Softener, Soap, Toluene, acids (H2SO4, HNO3, HCl), HMDS,
Insecticide, Cigarette smoke, a non-exhaustive list.
HTG3500 series are not light sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10